Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544E Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8544E
Description  Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544E Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8544E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
8
Freescale Semiconductor
Electrical Characteristics
Figure 1 shows the MPC8544E block diagram.
Figure 1. MPC8544E Block Diagram
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8544E. This device is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.1
V
—
PLL supply voltage
AVDD
–0.3 to 1.1
V
—
Core power supply for SerDes transceivers
SVDD
–0.3 to 1.1
V
—
Pad power supply for SerDes transceivers
XVDD
–0.3 to 1.1
V
—
MPC8544E
e500 Core
32-Kbyte
D-Cache
32-Kbyte
I-Cache
256-Kbyte
L2
Cache
XOR
Acceleration
Local
64-Bit
DDR/DDR2
SDRAM
Bus
Controller
OpenPIC
Security
Acceleration
32-Bit
Gigabit
Ethernet
PCI
PCI
DMA
Performance
Monitor
DUART
2x I2C
Coherency
Module
e500
Express
PCI
Express
PCI
Express
x1
x4/x2/x1
x4/x2/x1
SGMII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com