Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544E Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC8544E
Description  Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544E Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8544E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
86
Freescale Semiconductor
Package Description
Ethernet Management Interface
EC_MDC
AC7
O
OVDD
4, 8, 14
EC_MDIO
Y9
I/O
OVDD
—
Gigabit Reference Clock
EC_GTX_CLK125
T2
I
LVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_RXD[7:0]
U10, U9, T10, T9, U8, T8, T7, T6
I
LVDD
—
TSEC1_TXD[7:0]
T5, U5, V5, V3, V2, V1, U2, U1
O
LVDD
4, 8, 14
TSEC1_COL
R5
I
LVDD
—
TSEC1_CRS
T4
I/O
LVDD
16
TSEC1_GTX_CLK
T1
O
LVDD
—
TSEC1_RX_CLK
V7
I
LVDD
—
TSEC1_RX_DV
U7
I
LVDD
—
TSEC1_RX_ER
R9
I
LVDD
4, 8
TSEC1_TX_CLK
V6
I
LVDD
—
TSEC1_TX_EN
U4
O
LVDD
22
TSEC1_TX_ER
T3
O
LVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 3)
TSEC3_RXD[7:0]
P11, N11, M11, L11, R8, N10, N9, P10
I
LVDD
—
TSEC3_TXD[7:0]
M7, N7, P7, M8, L7, R6, P6, M6
O
LVDD
4, 8, 14
TSEC3_COL
M9
I
LVDD
—
TSEC3_CRS
L9
I/O
LVDD
16
TSEC3_GTX_CLK
R7
O
LVDD
—
TSEC3_RX_CLK
P9
I
LVDD
—
TSEC3_RX_DV
P8
I
LVDD
—
TSEC3_RX_ER
R11
I
LVDD
—
TSEC3_TX_CLK
L10
I
LVDD
—
TSEC3_TX_EN
N6
O
LVDD
22
TSEC3_TX_ER
L8
O
LVDD
4, 8
DUART
UART_CTS[0:1]
AH8, AF6
I
OVDD
—
UART_RTS[0:1]
AG8, AG9
O
OVDD
—
Table 62. MPC8544E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com