Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544E Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8544E
Description  Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544E Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8544E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
89
Package Description
DFT
L1_TSTCLK
AC20
I
OVDD
18
L2_TSTCLK
AE17
I
OVDD
18
LSSD_MODE
AH19
I
OVDD
18
TEST_SEL
AH13
I
OVDD
3
Thermal Management
TEMP_ANODE
Y3
—
—
13
TEMP_CATHODE
AA3
—
—
13
Power Management
ASLEEP
AH17
O
OVDD
8, 15, 21
Power and Ground Signals
GND
D5, M10, F4, D26, D23, C12, C15, E20, D8,
B10, E3, J14, K21, F8, A3, F16, E12, E15, D17,
L1, F21, H1, G13, G15, G18, C6, A14, A7, G25,
H4, C20, J12, J15, J17, F27, M5, J27, K11, L26,
K7, K8, L12, L15, M14, M16, M18, N13, N15,
N17, N2, P5, P14, P16, P18, R13, R15, R17,
T14, T16, T18, U13, U15, U17, AA8, U6, Y10,
AC21, AA17, AC16, V4, AD7, AD18, AE23,
AF11, AF14, AG23, AH9, A27, B28, C27
——
—
OVDD[1:17]
Y16, AB7, AB10, AB13, AC6, AC18, AD9,
AD11, AE13, AD15, AD20, AE5, AE22, AF10,
AF20, AF24, AF27
Power for PCI
and other
standards
(3.3 V)
OVDD
—
LVDD[1:2]
R4, U3
Power for
TSEC1
interfaces
(2.5 V, 3.3 V)
LVDD
—
TVDD[1:2]
N8, R10
Power for
TSEC3
interfaces
(2.5 V, 3.3 V)
TVDD
—
GVDD
B1, B11, C7, C9, C14, C17, D4, D6, R3, D15,
E2, E8,C24, E18, F5, E14, C21, G3, G7, G9,
G11, H5, H12, E22, F15, J10, K3, K12, K14,
H14, D20, E11, M1, N5
Power for DDR1
and DDR2
DRAM I/O
voltage (1.8 V,
2.5 V)
GVDD
—
BVDD
L23, J18, J19, F20, F23, H26, J21, J23
Power for
local bus (1.8 V,
2.5V, 3.3V)
BVDD
—
Table 62. MPC8544E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com