Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4299 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4299 Datasheet HTML 1Page - Infineon Technologies AG TLE4299 Datasheet HTML 2Page - Infineon Technologies AG TLE4299 Datasheet HTML 3Page - Infineon Technologies AG TLE4299 Datasheet HTML 4Page - Infineon Technologies AG TLE4299 Datasheet HTML 5Page - Infineon Technologies AG TLE4299 Datasheet HTML 6Page - Infineon Technologies AG TLE4299 Datasheet HTML 7Page - Infineon Technologies AG TLE4299 Datasheet HTML 8Page - Infineon Technologies AG TLE4299 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TLE 4299
Datasheet
5
Rev. 1.1, 2007-10-17
Figure 3
Pin Configuration (top view)
Pin Definitions and Functions (TLE 4299 GV33)
Pin No.
Symbol
Function
1I
Input; block directly to GND on the IC with a ceramic capacitor.
2SI
Sense Input; if not needed connect to Q.
3RADJ
Reset Threshold Adjust; if not needed connect to GND.
4D
Reset Delay; to select delay time, connect to GND via external
capacitor.
5GND
Ground
6RO
Reset Output; the open-collector output is linked internally to Q
via a 20k
Ω pull-up resistor. Keep open, if the pin is not needed.
7SO
Sense Output; open-collector output. Keep open, if the pin is not
needed.
8Q
Output; connect to GND with a 22
µF capacitor, 0.4 Ω <
ESR < 3.7
Ω.1)
1)
see characteristic curves
AEP02832
8
1
I
Q
SI
2
7
RADJ
3
6
D4
5
SO
RO
GND
PG-DSO-8-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com