Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4299 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 14Page - Infineon Technologies AG TLE4299 Datasheet HTML 15Page - Infineon Technologies AG TLE4299 Datasheet HTML 16Page - Infineon Technologies AG TLE4299 Datasheet HTML 17Page - Infineon Technologies AG TLE4299 Datasheet HTML 18Page - Infineon Technologies AG TLE4299 Datasheet HTML 19Page - Infineon Technologies AG TLE4299 Datasheet HTML 20Page - Infineon Technologies AG TLE4299 Datasheet HTML 21Page - Infineon Technologies AG TLE4299 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Datasheet
18
Rev. 1.1, 2007-10-17
TLE 4299
Maximum Output Current I
Q versus
Junction Temperature T
j
Maximum Output Current I
Q versus
Input Voltage V
I
Reverse Output Current I
Q versus
Output Voltage V
Q
Output Voltage V
Q at Input Voltage
Extremes
-40
T
j [°C]
-20
20 40
80 100
I
Q [mA]
8_IQMAX-TJ.VSD
400
350
300
450
060
140
120
V
I = 13.5 V
250
550
AED03110
0
Ι
Q mA
10
20
30
40
V50
0
=25 C
Ι
V
50
100
150
200
250
300
350
C
125
=
j
T
j
T
0
V
Q [V]
20
30
I
Q [mA]
10_IQ-VQ.vsd
-40
-60
-80
-20
10
40
V
I = 0 V
T
j = 25 °C
T
j = -40 °C
10
-100
T
j = 150 °C
AED01808
0
V
Q [V]
12
3
4
V5
0
1
2
3
4
6
Ι
V
R
L =50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com