Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4299 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 15Page - Infineon Technologies AG TLE4299 Datasheet HTML 16Page - Infineon Technologies AG TLE4299 Datasheet HTML 17Page - Infineon Technologies AG TLE4299 Datasheet HTML 18Page - Infineon Technologies AG TLE4299 Datasheet HTML 19Page - Infineon Technologies AG TLE4299 Datasheet HTML 20Page - Infineon Technologies AG TLE4299 Datasheet HTML 21Page - Infineon Technologies AG TLE4299 Datasheet HTML 22Page - Infineon Technologies AG TLE4299 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Datasheet
19
Rev. 1.1, 2007-10-17
TLE 4299
Region of Stability
Region of Stability
Power Supply Ripple Rejection PSRR
versus Frequency f
Load Transient Response Peak Voltage
D
VQ
12_ESR-
IQ_150.VSD
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
80
120
40
160
C
Q = 22µF
T
j = 150 °C
100
10
Stable
Region
V
I=25V
V
I=6V
V
I=25V
V
I=6V
12_ESR-IQ_-
40.VSD
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
80
120
40
160
C
Q = 22µF
T
j = -40 °C
100
10
Stable
Region
V
I=25V
V
I=6V
V
I=25V
V
I=6V
10
f [Hz]
10k
PSRR
[dB]
13_PSRR.VSD
70
60
100
1k
100k
90
40
50
I
Q = 1 mA
V
RIPPLE = 0.5 V
V
IN = 13.5 V
C
Q = 22 µF Tantalum
T
j = 25 °C
I
Q = 100 mA
I
Q = 0.1 mA
I
Q = 10 mA
20_Load Trancient vs time 125.vsd
IQ1:100mA
T=1µs/DIV
VQ=100mV/DIV
VQ
Tj=125°C
Vi=13.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com