Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4299 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 17Page - Infineon Technologies AG TLE4299 Datasheet HTML 18Page - Infineon Technologies AG TLE4299 Datasheet HTML 19Page - Infineon Technologies AG TLE4299 Datasheet HTML 20Page - Infineon Technologies AG TLE4299 Datasheet HTML 21Page - Infineon Technologies AG TLE4299 Datasheet HTML 22Page - Infineon Technologies AG TLE4299 Datasheet HTML 23Page - Infineon Technologies AG TLE4299 Datasheet HTML 24Page - Infineon Technologies AG TLE4299 Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Datasheet
21
Rev. 1.1, 2007-10-17
TLE 4299
Reset Delay Time T
RD versus Junction
Temperature Tj
Delay Capacitor Charge Current versus
Junction Temperature Tj
Sense Threshold High versus Junction
Temperature Tj
Sense Threshold Low versus Junction
Temperature Tj
-40
T
j [°C]
-20
20 40
80 100
T
RD
[ms]
27_RESETDELAY VS
TEMP.VSD
45
40
35
50
0
60
140
120
V
I = 13.5 V
60
C
D = 100nF
-40
T
j [°C]
-20
20 40
80 100
I
CH
[µA]
27A_ID-TEMP.VSD
3
2
1
4
0
60
140
120
V
I = 13.5 V
6
-40
T
j [°C]
-20
20 40
80 100
V
SI_Hi
[V]
34_VSI_HI VS TEMP.VSD
1.45
1.40
1.35
1.50
060
140
120
V
I = 13.5 V
1.60
-40
T
j [°C]
-20
20 40
80 100
V
SI_Lo
[V]
35_VSI_LO VS TEMP.VSD
1.35
1.30
1.25
1.40
0
60
140
120
V
I = 13.5 V
1.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com