Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4471 Datasheet HTML 1Page - Infineon Technologies AG TLE4471 Datasheet HTML 2Page - Infineon Technologies AG TLE4471 Datasheet HTML 3Page - Infineon Technologies AG TLE4471 Datasheet HTML 4Page - Infineon Technologies AG TLE4471 Datasheet HTML 5Page - Infineon Technologies AG TLE4471 Datasheet HTML 6Page - Infineon Technologies AG TLE4471 Datasheet HTML 7Page - Infineon Technologies AG TLE4471 Datasheet HTML 8Page - Infineon Technologies AG TLE4471 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLE 4471
Data Sheet
5
Rev. 1.6, 2009-02-03
Table 2
Absolute Maximum Ratings
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Input I
Input voltage
V
I
-
45
–
42
60
V
V
–
t < 400 ms
Main Output Q1
Output voltage
V
Q1
-
0.3
7
V
–
Output current
I
Q1
–
–
mA
internally limited
Tracking Output Q2
Output voltage
V
Q2
-
227
V
–
Output current
I
Q2
–
–
mA
internally limited
Tracking Output Q3
Output voltage
V
Q3
-
227
V
–
Output current
I
Q3
-
5
–
mA
internally limited
Enable Input E1
Input voltage
V
E1
-
0.3
16
V
–
Input current
I
E1
-
20
20
mA
–
Enable Input E2
Input voltage
V
E2
-
0.3
6.5
V
–
Input current
I
E2
–
–
mA
internally limited
Enable Input E3
Input voltage
V
E3
-0.3
16
V
–
Input current
I
E3
-20
20
mA
–
Enable Input EN
Input voltage
V
EN
-0.3
7
V
–
Input current
I
EN
–
–
mA
internally limited
Reference Output REF2
Output voltage
V
REF2
-0.3
4.5
V
–
Output current
I
REF2
––mA
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com