Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 4Page - Infineon Technologies AG TLE4471 Datasheet HTML 5Page - Infineon Technologies AG TLE4471 Datasheet HTML 6Page - Infineon Technologies AG TLE4471 Datasheet HTML 7Page - Infineon Technologies AG TLE4471 Datasheet HTML 8Page - Infineon Technologies AG TLE4471 Datasheet HTML 9Page - Infineon Technologies AG TLE4471 Datasheet HTML 10Page - Infineon Technologies AG TLE4471 Datasheet HTML 11Page - Infineon Technologies AG TLE4471 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Data Sheet
8
Rev. 1.6, 2009-02-03
TLE 4471
Table 4
Characteristics
V
I = 13.5 V; Tj = -40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
Min.
Typ.
Max.
Main Output Q1
Output voltage
V
Q1
4.95.0
5.1V
10 mA <
I
Q1 < 450 mA;
5.5 V <
V
I < 19 V
Output voltage
V
Q1
4.85.0
5.2V
10 mA <
I
Q1 < 300 mA;
5.5 V <
V
I < 28 V
Output voltage
V
Q1
4.85.0
5.2V
10 mA <
I
Q1 < 200 mA;
5.5 V <
V
I < 40 V
Output current limit
I
Q1
550
–
1500
mA
V
Q1 = 0.1 V
Output voltage drop
V
DR
–
0.25
0.55
V
I
Q1 = 450 mA
1)
Line regulation
∆V
Q1
-25
–
25
mV
8 V
≤ V
I ≤ 16 V;
I
Q1 = 10 mA
Load regulation
∆V
Q1
-25
–
25
mV
10 mA <
I
Q1 < 450 mA;
V
I = 7 V
Power Supply Ripple
Rejection
PSRR
–30
–
dB
C
Q1 = 22 µF;
20 Hz <
f
r < 20 kHz;
V
PP = 0.5 V
2)
Output capacitor
C
Q1
22
–
–
µF
2)
ESR of output
capacitor
ESR
––
3
Ω
at 10 kHz
2)
Tracked Output Q2
Output voltage
tracking accuracy
∆V
Q2 =
V
Q2 - VQ1
-25
–
25
mV
5.7 V <
V
I < 19 V;
1 mA <
I
Q2 < 100 mA
Output voltage
tracking accuracy
∆V
Q2 =
V
Q2 - VQ1
-25
–
25
mV
5.7 V <
V
I < 28 V;
1 mA <
I
Q2 < 80 mA
Output voltage
tracking accuracy
∆V
Q2 =
V
Q2 - VQ1
-25
–
25
mV
5.7 V <
V
I < 40 V;
1 mA <
I
Q2 < 50 mA
Output current limit
I
Q2
110
–
–
mA
V
Q2 = 0.1 V
Output voltage drop
V
DR2
––
0.6
V
I
Q2 = 100 mA
Power Supply Ripple
Rejection
PSRR
–
30
–
dB
20 Hz <
f
r < 20 kHz;
V
PP = 0.5 V;
C
Q2 = 10 µF
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com