Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 12Page - Infineon Technologies AG TLE4471 Datasheet HTML 13Page - Infineon Technologies AG TLE4471 Datasheet HTML 14Page - Infineon Technologies AG TLE4471 Datasheet HTML 15Page - Infineon Technologies AG TLE4471 Datasheet HTML 16Page - Infineon Technologies AG TLE4471 Datasheet HTML 17Page - Infineon Technologies AG TLE4471 Datasheet HTML 18Page - Infineon Technologies AG TLE4471 Datasheet HTML 19Page - Infineon Technologies AG TLE4471 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
16
Rev. 1.6, 2009-02-03
TLE 4471
The reset delay time
t
dr is defined by the reset delay capacitor CDR at pin DR and can be
calculated as follows:
(1)
Definitions:
•
C
DR = reset delay capacitor
•
t
dr = reset delay time required by the application
•
V
DR, dt = typical 1.8 V for power up reset
•
I
DR, ch = charge current typical 4 µA
For a delay capacitor
C
DR = 100 nF the typical power up reset delay time is 45 ms.
The undervoltage reset circuitry supervises the output voltage. In case
V
Q1 falls below
the reset threshold the reset output is set LOW after the reset reaction time
t
rr (discharge
of the reset delay capacitor). The reset LOW signal is held down to an output voltage
V
Q1
of 1 V. Both, the reset reaction time and the reset delay time are defined by the capacitor
value.
The reset reaction time
t
rr is the time it takes the voltage regulator to set its reset output
LOW after the output voltage has dropped below the reset threshold. The reset reaction
time can be calculated using the following equation:
(2)
t
rd
C
DR
V
DR dt
,
IDR ch
,
---------------
×
=
t
rr
C
DR
VDR dt
,
VDR st
,
–
I
DR dis
,
------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com