Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 15Page - Infineon Technologies AG TLE4471 Datasheet HTML 16Page - Infineon Technologies AG TLE4471 Datasheet HTML 17Page - Infineon Technologies AG TLE4471 Datasheet HTML 18Page - Infineon Technologies AG TLE4471 Datasheet HTML 19Page - Infineon Technologies AG TLE4471 Datasheet HTML 20Page - Infineon Technologies AG TLE4471 Datasheet HTML 21Page - Infineon Technologies AG TLE4471 Datasheet HTML 22Page - Infineon Technologies AG TLE4471 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TLE 4471
Data Sheet
19
Rev. 1.6, 2009-02-03
Watchdog
The reset and watchdog timing can be defined independently of each other by two delay
capacitors
C
DR and CDW at pins DR and DW.
The watchdog function supervises the microcontroller including time base failures. If
there is no positive edge within a certain pulse repetition time
t
wp or the trigger pulse is
too short a reset is generated. Programming of the max. repetition time is done by a
delay capacitor
C
DW at pin DW.
The frequency of the watchdog pulses generated by the microcontroller has to be higher
than the minimum pulse sequence
t
wp set by the external reset delay capacitor CDW. The
pulse repetition time can be calculated as follows:
(4)
Figure 7
Watchdog Timing
If the watchdog is not used in an application the pin WD has to be connected to GND.
t
wp
C
DW
V
DW dt
,
V
DW st
,
–
I
DW ch
,
--------------------------------------
×
=
AET03000
V
I
t
t
V
Q1
V
W
t
t
V
DW
V
DR
t
t
V
R
t > 10 µs
t
25 µs
t
WP
V
DW,dt
V
DW,st
V
DR,dt
V
DR,st
t
dr
t
rr
Missing edge
at Watchdog
Watchdog pulses
too short
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com