Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119RU2DB2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 25Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 26Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 27Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 28Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 29Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 30Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 31Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 32Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
29 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
[1]
The bits 0 to 7 correspond with the data bus lines DB0 to DB7.
[2]
fosc cycles.
[3]
No operation.
[4]
Do not use.
Table 11.
Instruction register overview
Instruction
Bits[1]
Required
clock
cycles[2]
Reference
RS
R/W
7
6
5
4
3
2
1
0
Basic instructions (bit H = 0 or 1)
NOP
[3] 000
0000
000
3
-
Function_set
000
01DL
0
M
SL
H
3
Section 10.2.1.1
BF_AC
01BF
AC
0
Section 10.2.1.2
Read_data
1
1
READ_DATA
3
Section 10.2.1.3
Write_data
1
0
WRITE_DATA
3
Section 10.2.1.4
Standard instructions (bit H = 0)
Clear_display
000
0000
001
165
Section 10.2.2.1
Return_home
000
0000
010
3
Section 10.2.2.2
Entry_mode_set
000
0000
1I_D
S
3
Section 10.2.2.3
Display_ctl
000
0001
D
C
B
3
Section 10.2.2.4
Curs_disp_shift
000
001SC
RL
0
0
3
Section 10.2.2.5
Set_CGRAM
0
0
0
1
ACG
3
Section 10.2.2.6
Set_DDRAM
0
0
1
ADD
3
Section 10.2.2.7
Extended instructions (bit H = 1)
Reserved
[4] 000
0000
001
-
-
Screen_conf
000
0000
01L
3
Section 10.2.3.1
Disp_conf
000
0000
1P
Q
3
Section 10.2.3.2
Icon_ctl
000
0001
IM
IB
DM
3
Section 10.2.3.3
Temp_ctl
000
0010
0TC1
TC2
3
Section 10.2.3.4
HV_gen
0
0
0
1000
0S1
S0
3
Section 10.2.3.5
VLCD_set
0
0
1
V
VA or VB
3
Section 10.2.3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com