Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119RU2DB2 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 59Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 60Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 61Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 62Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 63Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 64Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 65Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 66Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
63 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Table 40.
8-bit operation, 1-line display and icon example; using external reset (character set ‘A’)
Step
Instruction
Display
Operation
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1
power supply on
initialized by the external reset; no
display appears
2
Function_set
sets to 8-bit operation, selects 1-line
display and VLCD =V0
00
00110000
3
Display_ctl
turns on display and cursor; entire
display is blank after initialization
00
00001110
4
Entry_mode_set
sets mode to increment the address
by 1 and to shift the cursor to the right
at the time of the write to the
DD/CGRAM; display is not shifted
00
00000110
5
Set_CGRAM
sets the CGRAM address to position of
character 0; the CGRAM is selected
00
01000000
6
Write_data to CGRAM/DDRAM
writes data to CGRAM for icon even
phase; icons appears
10
00001010
7
:
8
Set_CGRAM
sets the CGRAM address to position of
character 4; the CGRAM is selected
00
01110000
9
Write_data to CGRAM/DDRAM
writes data to CGRAM for icon odd
phase
10
00001010
10
:
11
Function_set
sets bit H = 1
00
00110001
12
Icon_ctl
icons blink
00
00001010
13
Function_set
sets bit H = 0
00
00110001
14
Set_DDRAM
sets the DDRAM address to the first
position; DDRAM is selected
00
10000000
15
Write_data to CGRAM/DDRAM
writes ‘P’; the cursor is incremented
by 1 and shifted to the right
10
01010000
P
16
Write_data to CGRAM/DDRAM
writes ‘H’
10
01001000
PH
17 to 21
:
PHILIPS
writes ‘ILIPS’
22
Return_home
returns both display and cursor to the
original position (address 0)
00
00000010
PHILIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com