Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119RU2DB2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 4Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 5Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 6Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 7Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 8Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 9Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 10Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 11Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
8 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
8.
Functional description
8.1 Oscillator and timing generator
The internal logic and the LCD drive signals of the PCF2119x are timed by the frequency
fclk which equals either the built in oscillator frequency fosc or an external clock frequency
fclk(ext).
8.1.1 Timing generator
The timing generator produces the various signals required to drive the internal circuitry.
Internal chip operation is not disturbed by operations on the data buses.
8.1.2 Internal clock
To use the on-chip oscillator, pin OSC must be connected to VDD1. The on-chip oscillator
provides the clock signal for the display system. No external components are required.
8.1.3 External clock
If an external clock will be used, the input is at pin OSC. The resulting display frame
frequency is given by:
(1)
Remark: Only in the power-down mode the clock is allowed to be stopped (pin OSC
connected to VSS), otherwise the LCD is frozen in a DC state, which is not suitable for the
liquid crystals.
8.2 Reset function and Power-On Reset (POR)
The PCF2119x must be reset externally when power is turned on. If no external reset is
performed, the chip might start-up in an unwanted state.
For the external reset, pin POR has to be active HIGH. The reset has to be active for at
least 3 oscillator periods in order for the reset to be executed. If the internal oscillator is
used, the minimum reset activity time follows from the lowest possible oscillator frequency
(fosc = 140 kHz, Tosc ~71 μs, 3 × Tosc ~215 μs). The internal oscillator start-up time is
200
μs (typ) up to 300 μs (max) after power-on. In case that an external oscillator is used,
Tosc is dependent from fosc(ext).
Afterwards the chip executes the Clear_display instruction, which requires 165 oscillator
cycles. After the reset the chip has the state shown in Table 4 and is then ready for use.
f
fr
f
osc
3072
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com