Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119RU2DB2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 45Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 46Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 47Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 48Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 49Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 50Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 51Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 52Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
49 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
13. Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 5 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 6 “JESD22-A115”.
[3]
Pass level; latch-up testing according to Ref. 7 “JESD78” at maximum ambient temperature (Tamb(max)).
[4]
According to the NXP store and transport requirements (see Ref. 9 “NX3-00092”) the devices have to be
stored at a temperature of +8
°C to +45 °C and a humidity of 25 % to 75 %. For long term storage products
deviant conditions are described in that document.
Table 34.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD1
supply voltage 1
logic
−0.5
+6.5
V
VDD2
supply voltage 2
VLCD generator
−0.5
+4.5
V
VDD3
supply voltage 3
VLCD
LCD supply voltage
−0.5
+7.5
V
VI
input voltage
VDD related
−0.5
+6.5
V
VLCD related
−0.5
+7.5
V
II
input current
DC level
−10
+10
mA
IO
output current
DC level
−10
+10
mA
IDD
supply current
−50
+50
mA
ISS
ground supply current
−50
+50
mA
IDD(LCD)
LCD supply current
−50
+50
mA
Ptot
total power dissipation
-
400
mW
Po
output power
dissipation per
output
-100
mW
VESD
electrostatic discharge voltage HBM
[1] -
±3000
V
MM
[2] -
±300
V
Ilu
latch-up current
[3] -200
mA
Tstg
storage temperature
[4]
−65
+150
°C
Tamb
ambient temperature
operating
device
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com