Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF313 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF313
Description  NPN SILICON RF TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF313 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF313 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 10 mA
30
V
BVCBO
IC = 0.1 mA
35
V
BVEBO
IE = 1.0 mA
3.0
V
ICEO
VE = 20 V
1.0
mA
hFE
VCE = 10 V
IC = 100 mA
20
150
---
COB
VCB = 28 V
f = 1.0 MHz
3.5
5.0
pF
PG
ηηηη
C
VCC = 28 V
POUT = 1.0 W
f = 400 MHz
15
16
45
dB
%
NPN SILICON RF TRANSISTOR
MRF313
DESCRIPTION:
The
MRF313 is Designed for wide
band Amplifier Applications up to 400
MHz.
FEATURES:
• P
G = 15 dB min. at 1.0 W/ 400 MHz
• Common Emitter for Improved
Stability
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
150 mA
VCBO
40 V
VCEO
30 V
VEBO
3.0 V
PDISS
6.1 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθθθ
JC
28.5
OC/W
PACKAGE STYLE .200" 4L PILL


Similar Part No. - MRF313

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF313 MOTOROLA-MRF313 Datasheet
63Kb / 4P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF313 MACOM-MRF313 Datasheet
84Kb / 3P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
More results

Similar Description - MRF313

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com