Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48Z129Y
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48Z129Y Datasheet HTML 9Page - STMicroelectronics M48Z129Y Datasheet HTML 10Page - STMicroelectronics M48Z129Y Datasheet HTML 11Page - STMicroelectronics M48Z129Y Datasheet HTML 12Page - STMicroelectronics M48Z129Y Datasheet HTML 13Page - STMicroelectronics M48Z129Y Datasheet HTML 14Page - STMicroelectronics M48Z129Y Datasheet HTML 15Page - STMicroelectronics M48Z129Y Datasheet HTML 16Page - STMicroelectronics M48Z129Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
M48Z129Y, M48Z129V
DC and AC parameters
Doc ID 5716 Rev 7
13/20
4
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Table 6.
Operating and AC measurement conditions
Note:
Output Hi-Z is defined as the point where data is no longer driven.
Figure 9.
AC testing load circuit
1.
50 pF for M48Z129V (3.3 V).
Table 7.
Capacitance
Parameter
M48Z129Y
M48Z129V
Unit
Supply voltage (VCC)
4.5 to 5.5
3.0 to 3.6
V
Ambient operating temperature (TA)
0 to 70
0 to 70
°C
Load capacitance (CL)
100
50
pF
Input rise and fall times
≤ 5
≤ 5ns
Input pulse voltages
0 to 3
0 to 3
V
Input and output timing ref. voltages
1.5
1.5
V
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5 V; sampled only, not 100% tested.
2.
At 25 °C, f = 1 MHz.
Min
Max
Unit
CIN
Input capacitance
-
10
pF
CIO
(3)
3.
Outputs deselected.
Input / output capacitance
-
10
pF
AI03630
CL = 100pF
or 50pF
(1)
CL includes JIG capacitance
650
Ω
DEVICE
UNDER
TEST
1.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com