Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129Y Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48Z129Y
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129Y Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48Z129Y Datasheet HTML 11Page - STMicroelectronics M48Z129Y Datasheet HTML 12Page - STMicroelectronics M48Z129Y Datasheet HTML 13Page - STMicroelectronics M48Z129Y Datasheet HTML 14Page - STMicroelectronics M48Z129Y Datasheet HTML 15Page - STMicroelectronics M48Z129Y Datasheet HTML 16Page - STMicroelectronics M48Z129Y Datasheet HTML 17Page - STMicroelectronics M48Z129Y Datasheet HTML 18Page - STMicroelectronics M48Z129Y Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
M48Z129Y, M48Z129V
DC and AC parameters
Doc ID 5716 Rev 7
15/20
Figure 10.
Power down/up mode AC waveforms
AI03610
VCC
E
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tRB
VALID
VALID
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
tREC
RST
(PER CONTROL INPUT)
(PER CONTROL INPUT)
tWPT
tDR
Table 9.
Power down/up AC characteristics
Symbol
Parameter(1)
Min
Max
Unit
tF
(2)
VPFD (max) to VPFD (min) VCC fall time
300
µs
tFB
(3)
VPFD (min) to VSS VCC fall time
M48Z129Y
10
µs
M48Z129V
150
tR
VPFD (min) to VPFD (max) VCC rise time
10
µs
tRB
VSS to VPFD (min) VCC rise time
1
µs
tWPT
Write protect time
M48Z129Y
40
150
µs
M48Z129V
40
250
tREC
VPFD (max) to RST high
40
200
ms
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200 µs after
VCC passes VPFD (min).
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Table 10.
Power down/up trip points DC characteristics
Symbol
Parameter(1)(2)
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
M48Z129Y
4.2
4.35
4.5
V
M48Z129V
2.7
2.9
3.0
V
VSO
Battery backup switchover voltage
M48Z129Y
3.0
V
M48Z129V
2.45
V
tDR
(3)
Expected data retention time
10
Years
1.
All voltages referenced to VSS.
2.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
3.
At 25 °C, VCC = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com