Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129Y Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48Z129Y
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129Y Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48Z129Y Datasheet HTML 10Page - STMicroelectronics M48Z129Y Datasheet HTML 11Page - STMicroelectronics M48Z129Y Datasheet HTML 12Page - STMicroelectronics M48Z129Y Datasheet HTML 13Page - STMicroelectronics M48Z129Y Datasheet HTML 14Page - STMicroelectronics M48Z129Y Datasheet HTML 15Page - STMicroelectronics M48Z129Y Datasheet HTML 16Page - STMicroelectronics M48Z129Y Datasheet HTML 17Page - STMicroelectronics M48Z129Y Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DC and AC parameters
M48Z129Y, M48Z129V
14/20
Doc ID 5716 Rev 7
Table 8.
DC characteristics
Sym
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
M48Z129Y
M48Z129V
Unit
–70
–85
Min
Max
Min
Max
ILI
Input leakage current
0 V
≤ VIN ≤ VCC
±1
±1
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0 V
≤ VOUT ≤ VCC
±1
±1
µA
ICC
Supply current
Outputs open
95
50
mA
ICC1
Supply current (standby) TTL
E = VIH
74
mA
ICC2
Supply current (standby) CMOS
E
= VCC – 0.2 V
4
3
mA
VIL
Input low voltage
–0.3
0.8
–0.3
0.6
V
VIH
Input high voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
0.4
V
VOH
Output high voltage
IOH = –1 mA
2.4
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com