Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129Y Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48Z129Y
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129Y Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48Z129Y Datasheet HTML 12Page - STMicroelectronics M48Z129Y Datasheet HTML 13Page - STMicroelectronics M48Z129Y Datasheet HTML 14Page - STMicroelectronics M48Z129Y Datasheet HTML 15Page - STMicroelectronics M48Z129Y Datasheet HTML 16Page - STMicroelectronics M48Z129Y Datasheet HTML 17Page - STMicroelectronics M48Z129Y Datasheet HTML 18Page - STMicroelectronics M48Z129Y Datasheet HTML 19Page - STMicroelectronics M48Z129Y Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
M48Z129Y, M48Z129V
16/20
Doc ID 5716 Rev 7
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11.
PMDIP32 – 32-pin plastic module DIP, package outline
Note:
Drawing is not to scale.
Table 11.
PMDIP32 – 32-pin plastic DIP, package mechanical data
PMDIP
A1
A
L
B
e1
D
E
N
1
eA
e3
S
C
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.27
9.52
0.365
0.375
A1
0.38
–
0.015
–
B
0.43
0.59
0.017
0.023
C
0.20
0.33
0.008
0.013
D
42.42
43.18
1.670
1.700
E
18.03
18.80
0.710
0.740
e1
2.29
2.79
0.090
0.110
e3
38.1
1.5
eA
14.99
16.00
0.590
0.630
L
3.05
3.81
0.120
0.150
S
1.91
2.79
0.075
0.110
N32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com