Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129V Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z129V
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129V Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z129V Datasheet HTML 5Page - STMicroelectronics M48Z129V Datasheet HTML 6Page - STMicroelectronics M48Z129V Datasheet HTML 7Page - STMicroelectronics M48Z129V Datasheet HTML 8Page - STMicroelectronics M48Z129V Datasheet HTML 9Page - STMicroelectronics M48Z129V Datasheet HTML 10Page - STMicroelectronics M48Z129V Datasheet HTML 11Page - STMicroelectronics M48Z129V Datasheet HTML 12Page - STMicroelectronics M48Z129V Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
M48Z129Y, M48Z129V
Operation modes
Doc ID 5716 Rev 7
9/20
2.2
WRITE mode
The M48Z129Y/V is in the WRITE mode whenever W (WRITE enable) and E (chip enable)
are active. The start of a WRITE is referenced from the latter occurring falling edge of W or
E. A WRITE is terminated by the earlier rising edge of W or E. The addresses must be held
valid throughout the cycle. E or W must return high for a minimum of tEHAX from chip enable
or tWHAX from WRITE enable prior to the initiation of another READ or WRITE cycle. Data-in
must be valid tDVWH prior to the end of WRITE and remain valid for tWHDX afterward. G
should be kept high during WRITE cycles to avoid bus contention; although, if the output
bus has been activated by a low on E and G a low on W will disable the outputs tWLQZ after
W falls.
Figure 6.
WRITE enable controlled, WRITE mode AC waveform
Figure 7.
Chip enable controlled, WRITE mode AC waveforms
AI02382
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A16
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI03611
tAVAV
tEHAX
tDVEH
DATA INPUT
A0-A16
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tWLWH
tAVWL
tEHDX
tELEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com