Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129V Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z129V
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129V Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z129V Datasheet HTML 1Page - STMicroelectronics M48Z129V Datasheet HTML 2Page - STMicroelectronics M48Z129V Datasheet HTML 3Page - STMicroelectronics M48Z129V Datasheet HTML 4Page - STMicroelectronics M48Z129V Datasheet HTML 5Page - STMicroelectronics M48Z129V Datasheet HTML 6Page - STMicroelectronics M48Z129V Datasheet HTML 7Page - STMicroelectronics M48Z129V Datasheet HTML 8Page - STMicroelectronics M48Z129V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
June 2010
Doc ID 5716 Rev 7
1/20
1
M48Z129Y
M48Z129V
5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
Features
■ Integrated, ultra low power SRAM, power-fail
control circuit, and battery
■ Conventional SRAM operation; unlimited
WRITE cycles
■ 10 years of data retention in the absence of
power
■ Microprocessor power-on reset (reset valid
even during battery backup mode)
■ Battery low pin - provides warning of battery
end-of-life
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages
(VPFD = power-fail deselect voltage):
–M48Z129Y: VCC = 4.5 to 5.5 V
4.2 V
≤ VPFD ≤ 4.5 V
(contact the ST sales office for availability)
–M48Z129V: VCC = 3.0 to 3.6 V
2.7 V
≤ VPFD ≤ 3.0 V
■ Self-contained battery in the CAPHAT™ DIP
package
■ Pin and function compatible with JEDEC
standard 128 K x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect
32
1
PMDIP32 module (PM)
www.st.com


Similar Part No. - M48Z129V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z129V STMICROELECTRONICS-M48Z129V Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z129V STMICROELECTRONICS-M48Z129V Datasheet
302Kb / 16P
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
Mar-2005
M48Z129V-70PM STMICROELECTRONICS-M48Z129V-70PM Datasheet
302Kb / 16P
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
Mar-2005
M48Z129V-70PM1 STMICROELECTRONICS-M48Z129V-70PM1 Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z129V-70PMTR STMICROELECTRONICS-M48Z129V-70PMTR Datasheet
302Kb / 16P
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
Mar-2005
More results

Similar Description - M48Z129V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Rev. 3.4
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
Feb-2005
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
Mar-2005
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
15-Aug-2008
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
09-Jun-2010
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_11 Datasheet
311Kb / 20P
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
24-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com