Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129V Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z129V
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129V Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z129V Datasheet HTML 1Page - STMicroelectronics M48Z129V Datasheet HTML 2Page - STMicroelectronics M48Z129V Datasheet HTML 3Page - STMicroelectronics M48Z129V Datasheet HTML 4Page - STMicroelectronics M48Z129V Datasheet HTML 5Page - STMicroelectronics M48Z129V Datasheet HTML 6Page - STMicroelectronics M48Z129V Datasheet HTML 7Page - STMicroelectronics M48Z129V Datasheet HTML 8Page - STMicroelectronics M48Z129V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
M48Z129Y, M48Z129V
Description
Doc ID 5716 Rev 7
5/20
1
Description
The M48Z129Y/V ZEROPOWER® SRAM is a 1,048,576 bit non-volatile static RAM
organized as 131,072 words by 8 bits. The device combines an internal lithium battery, a
CMOS SRAM and a control circuit in a plastic 32-pin DIP module. The M48Z129Y/V directly
replaces industry standard 128 K x 8 SRAM. It also provides the non-volatility of FLASH
without any requirement for special WRITE timing or limitations on the number of WRITEs
that can be performed.
Figure 1.
Logic diagram
Table 1.
Signal names
A0-A16
Address inputs
DQ0-DQ7
Data inputs / outputs
E
Chip enable
G
Output enable
W
WRITE enable
RST
Reset output (open drain)
BL
Battery low output (open drain)
VCC
Supply voltage
VSS
Ground
AI02309
17
A0-A16
DQ0-DQ7
VCC
M48Z129Y
M48Z129V
G
VSS
8
E
W
RST
BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com