Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129V Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48Z129V
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48Z129V Datasheet HTML 6Page - STMicroelectronics M48Z129V Datasheet HTML 7Page - STMicroelectronics M48Z129V Datasheet HTML 8Page - STMicroelectronics M48Z129V Datasheet HTML 9Page - STMicroelectronics M48Z129V Datasheet HTML 10Page - STMicroelectronics M48Z129V Datasheet HTML 11Page - STMicroelectronics M48Z129V Datasheet HTML 12Page - STMicroelectronics M48Z129V Datasheet HTML 13Page - STMicroelectronics M48Z129V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Operation modes
M48Z129Y, M48Z129V
10/20
Doc ID 5716 Rev 7
Table 4.
WRITE mode AC characteristics
2.3
Data retention mode
With valid VCC applied, the M48Z129Y/V operates as a conventional BYTEWIDE™ static
RAM. Should the supply voltage decay, the RAM will automatically deselect, write protecting
itself when VCC falls between VPFD (max), VPFD (min) window. All outputs become high
impedance and all inputs are treated as “Don’t care”.
Note:
A power failure during a WRITE cycle may corrupt data at the current addressed location,
but does not jeopardize the rest of the RAM’s content. At voltages below VPFD(min), the
memory will be in a write protected state, provided the VCC fall time is not less than tF. The
M48Z129Y/V may respond to transient noise spikes on VCC that cross into the deselect
window during the time the device is sampling VCC. Therefore, decoupling of the power
supply lines is recommended.
When VCC drops below VSO, the control circuit switches power to the internal battery,
preserving data. The internal energy source will maintain data in the M48Z129Y/V for an
accumulated period of at least 10 years at room temperature. As system power rises above
VSO, the battery is disconnected, and the power supply is switched to external VCC.
Deselect continues for tREC after VCC reaches VPFD(max).
For more information on battery storage life refer to the application note AN1012.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
M48Z129Y
M48Z129V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
WRITE cycle time
70
85
ns
tAVWL
Address valid to WRITE enable low
0
0
ns
tAVEL
Address valid to chip enable low
0
0
ns
tWLWH
WRITE enable pulse width
55
65
ns
tELEH
Chip enable low to chip enable high
55
75
ns
tWHAX
WRITE enable high to address transition
5
5
ns
tEHAX
Chip enable high to address transition
15
15
ns
tDVWH
Input valid to WRITE enable high
30
35
ns
tDVEH
Input valid to chip enable high
30
35
ns
tWHDX
WRITE enable high to input transition
0
0
ns
tEHDX
Chip enable high to input transition
10
15
ns
tWLQZ
(2)(3)
2.
CL = 5 pF (see Figure 9).
3.
If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
WRITE enable low to output Hi-Z
25
30
ns
tAVWH
Address valid to WRITE enable high
65
75
ns
tAVEH
Address valid to chip enable high
65
75
ns
tWHQX
(2)(3)
WRITE enable high to output transition
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com