Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR700 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # HR700
Description  ??0째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR700 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  HR700 Datasheet HTML 1Page - Interpoint Corporation Company HR700 Datasheet HTML 2Page - Interpoint Corporation Company HR700 Datasheet HTML 3Page - Interpoint Corporation Company HR700 Datasheet HTML 4Page - Interpoint Corporation Company HR700 Datasheet HTML 5Page - Interpoint Corporation Company HR700 Datasheet HTML 6Page - Interpoint Corporation Company HR700 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
sync and inhibit
derating Output pOwer/current and input vOltage
recOmmended Operating cOnditiOns
absOlute maximum ratings
typical characteristics
output power
•60to70wattsdependingonmodel
Lead soldering temperature (10 sec per lead)
•300°C
storage temperature range (case)
•–55°Cto+125°C
output Voltage temperature coefficient
•150ppm/°C,typical
input to output capacitance
•160pF,typical
isolation
•100megohmminimumat500V
conversion Frequency
•Freerunmode245kHz,typical
inhibit pin Voltage (unit enabled)
•4.5to5.5V
sync in (245 to 370 kHz.)
•Dutycycle70%min,98%max.
•Logiclow0.8Vmax
•Logichigh4.5Vmin
•Referencedtoinputcommon
•Ifsyncisnotused,leaveunconnected
inhibit ttL open collector
•Logiclow(outputdisabled)
Inhibitpincurrent1mAmax
•Referencedtoinputcommon
•Logichigh(outputenabled)
V=≥4.5V
temperatures are referenced to the temperature at the converter’s base-
plate
•Linearlyderateoutputpower/currentfrom100%at85°Cto0%at125°C.
•Above105°Clinearlyderatesteadystateinputvoltageto33voltsat125°C.
•Indefiniteshortcircuitprotectionisnotguaranteedabove85°Ccase.
•Operationbelowaninputvoltageof19volts,includingoperationinmIL-
STD-704Eemergencypowerconditions,ispossiblewithderatedoutput
power.SeeFigures10and11.
input Voltage range
•19to40VDCcontinuous(seeDerating)
case operating temperature (tc)
•–40°Cto+85°Cfullpower
HR700
SERIES
70WATT
Dc/Dc conVerters
Page2of7
HR700RevC-20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com