Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR700 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # HR700
Description  ??0째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR700 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  HR700 Datasheet HTML 1Page - Interpoint Corporation Company HR700 Datasheet HTML 2Page - Interpoint Corporation Company HR700 Datasheet HTML 3Page - Interpoint Corporation Company HR700 Datasheet HTML 4Page - Interpoint Corporation Company HR700 Datasheet HTML 5Page - Interpoint Corporation Company HR700 Datasheet HTML 6Page - Interpoint Corporation Company HR700 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• –40°Cto+85°Coperation
• 19to40VDCinput
• 50Vfor50mstransientprotection
• Fullyisolated
• Fixedfrequency
• Remotesenseonsinglemodels
• Inhibit/syncfunction
• Indefiniteshortcircuitprotection
• Upto84%efficiency
Size(max.):3.20x2.46x0.595inches(81.3x62.5x15.11mm)
SeecaseLfordimensions.
Weight: 140gramstypical
Screening:Standardonly.Seescreeningtableformoreinformation.
description
HR700SeriesDC/DCconvertersofferupto70wattsofpowerfrom
single,dual,ortripleoutputsinonepackage.Theconverterscombine
thesmallsizeandhighreliabilityofhybrid-basedcomponents,thehigh
efficiencyofswitchingregulators,andtheisolation,regulation,andlow
noisecharacteristicsoflinearregulators.
small size
The HR700 converters are manufactured using techniques that
provideverysmallsizeandlowprofilecomponents.Eachconverter
useslessthaneightsquareinchesofboardareasandis0.595inches
highorless.Theoverallpowerdensityis20wattspercubicinch.
high reliability
Assembled using thick-film technology, the HR700 parts use the
same manufacturing procedures and quality controls that we apply
to converters designed for commercial airliners, the space shuttle,
advancedfighteraircraft,andotherhighreliabilityapplications.The
steelcasesarehermeticallysealedinadrynitrogenenvironmentand
areguaranteedamaximumleakrateoflessthan10-3atm-cc/sec.All
devicesare100%electricallytested.
high performance
The HR700 series parts are high efficiency, low noise, pulse-width
modulated converters which use a quasi-square wave forward
converter design with a nominal switching frequency of 245 kHz.
Isolationbetweeninputanoutputisprovidedwithatransformerinthe
forwardpowerloopandawideband,temperatureinsensitive,optical
linkinthefeedbackcontrolloop.Shortcircuitprotectionis
providedbydetectingpeakprimaryswitchingcurrentonacyclebasis
andlimitingittoapproximately130%ofthefullloadinputcurrent.This
methodresultsinquickandpositivecurrentlimitingundershortcircuit
conditions.
HR700SeriesDC/DCconvertersaredesignedtoprovidefullpower
operationovertheinputvoltagerangeof19to40VDC.Operation
below an input of 19 volts is possible with derated output power.
Outputsareavailableas5,12,and15VDCsingle,dualandtriple
outputs.Theconverterstypicallyprovidegreaterthan80%efficiency
overtheentireinputrange.Lineregulationistypicallywithin0.1%and
loadregulationwithin0.2%.
low noise
TheHR700Seriesconvertersofferlownoiseonboththeinputand
output lines. A two section, four pole, LC input filter is included to
provideverylowreflectedlineripplecurrent.Outputrippleismain-
tainedatlessthan50mVp-pforsingleanddualmodelsand85mV
p-pfortripleoutputmodels.
inhibit
/sync feature
An inhibit/sync pin is standard on all models of the HR700 Series
converters.Thepinservesasbothanoutputinhibitandasasynchro-
nizationinput.IntheinhibitmodeanopencollectorTTLcompatible
low(<0.8V)willdisableinternalswitchingtherebyinhibitingtheunit’s
output.Inhibitinginthismannerresultsinanextremelylowquiescent
current.
mODELS
VDc output
Dual
±12
±15
triple
+5 & ±12
+5 & ±15
HR700
SERIES
70WATT
Dc/Dc conVerters
28 Volt input
NOT RECOMMENDED FOR NEW DESIGNS
Page1of7
HR700RevC-20100212
CraneAerospace&Electronics
ElectronicsGroup(InterpointBrand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com


Similar Part No. - HR700

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR701-2805 INTERPOINT-HR701-2805 Datasheet
120Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
HR701-2812 INTERPOINT-HR701-2812 Datasheet
120Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR701-2812 CRANE-HR701-2812 Datasheet
121Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
HR701-2815 INTERPOINT-HR701-2815 Datasheet
120Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR701-2815 CRANE-HR701-2815 Datasheet
121Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - HR700

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR120 INTERPOINT-HR120 Datasheet
430Kb / 6P
??0째C to 85째C operation 50 V for up to 50 ms transient protection
HR150 INTERPOINT-HR150 Datasheet
466Kb / 7P
-40째C to 85째C operation Transient protection 50 V for 50 ms
HR300 INTERPOINT-HR300 Datasheet
449Kb / 6P
??0째 to 85째C operation Fixed frequency switching
MFW2812D INTERPOINT-MFW2812D_10 Datasheet
491Kb / 7P
??5째C to 85째C operation 50 V for 50 ms transient protection
MTO812T INTERPOINT-MTO812T Datasheet
548Kb / 6P
??5째C to 85째 C operation 50 V for 50 ms transient protection
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
logo
Freescale Semiconductor...
MC9RS08LE4CWL FREESCALE-MC9RS08LE4CWL Datasheet
528Kb / 28P
Up to 20 MHz CPU at 2.7 V to 5.5 V across temperature range of ??0째C to 85째C
logo
Shoulder Electronics Li...
HDF1575AS6 SHOULDER-HDF1575AS6 Datasheet
201Kb / 9P
No impedance matching require for operation at 50
logo
List of Unclassifed Man...
SFC5300 ETC2-SFC5300 Datasheet
574Kb / 10P
Ultra-fast settling time (down to 50 ms)
SFC5400 ETC2-SFC5400 Datasheet
630Kb / 12P
Ultra-fast settling time (down to 50 ms)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com