Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR700 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HR700
Description  ??0째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR700 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HR700 Datasheet HTML 1Page - Interpoint Corporation Company HR700 Datasheet HTML 2Page - Interpoint Corporation Company HR700 Datasheet HTML 3Page - Interpoint Corporation Company HR700 Datasheet HTML 4Page - Interpoint Corporation Company HR700 Datasheet HTML 5Page - Interpoint Corporation Company HR700 Datasheet HTML 6Page - Interpoint Corporation Company HR700 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ElectricalCharacteristics:25°CTc,28VDCVin,100%load,freerun,unlessotherwisespecified.
Notes
1.Ondualoutputmodelsthemaximumcombinedoutputpoweris70watts.
Amaximumof95%(66.5W)isavailablefromanysingleoutput.
2.Ontripleoutputmodelsthemaximumcombinedoutputpoweris60watts.
Amaximumof50wattsisavailablefromasingleoutput.
3.Balancedloads
4.Regulationeffectonthenegativedualoutputduringthedefined
conditions.
5.Regulationeffectonbothdualoutputsduringthedefinedconditions.
DUALANDTRIPLEOUTPUTmODELS
HR702-2812
HR702-2815
HR703-28512
HR703-28515
units
parameter
conDitions
min
typ
maX min
typ
maX min typ maX min
typ
maX
output Voltage
full
loaD
main
—
—
—
±11.75 ±12 ±12.25
—
—
—
±14.75 ±15 ±15.25
4.90 5.05 5.15
±11.50±11.80±12.10
4.90 4.95 5.10
±15.05±15.30 ±15.75
VDC
Dual
output
current1,2
Vin =
19 to 40
main
—
—
—
—
2.92
5.5
—
—
—
—
2.33
4.4
—
4.0
10.0
—
1.67
4.2
—
4.0
10.0
—
1.33
3.33
A
Dual
output power1,2
main
—
—
—
—
35
66.5
—
—
70
—
—
—
—
35
66.5
—
—
70
—
20
50
—
20
50
—
—
60
—
20
50
—
20
50
—
—
60
W
±Dual
total
output ripple
full loaD
bw
≤ 2mHz
main
—
—
—
—
30
100
—
—
—
—
30
100
—
50
100
—
50
100
—
50
100
—
50
100
mVp-p
Dual
line regulation
Vin =
19 to 40
main
—
—
—
—
10
30
—
—
—
—
10
30
—
2
25
—
100
225
—
2
25
—
100
225
mV
Dual
loaD regulation3
no loaD
to full
main
—
—
—
—
25
50
—
—
—
—
25
50
—
5
30
—
300
600
—
5
30
—
300
600
mV
Dual
cross
regulation4
Dual
+po = 3 w to 35 w
-po = 35 w
—
1.5
3.0
—
2.0
4.0
—
1.5
3.0
—
2.0
3.5
—
—
—
—
—
—
—
—
—
—
—
—
%
+po = 20 w to 50 w
-po = 50 w to 20 w
cross
regulation5
main
+po = 33 w
Dual
+po = 3 w to 27 w
-po = 27 w to 3 w
—
—
—
—
—
—
—
—
—
—
—
—
—
2.3
6.0
—
5.4
9.0
—
2.3
5.0
—
5.0
7.0
%
main
+po = 3 w to 30 w
Dual
±po = 15 w
input Voltage
19
28
40 19
28
40 19
28
40 19
28
40
VDC
input current
no loaD
—
75
100
—
25
35
—
75
100
—
25
35
—
85
115
—
30
35
—
85
115
—
30
35
mA
inhibiteD
input refl
. ripple
full loaD
bw
≤ 10mHz
—
15
50 —
15
50 —
15
50 —
15
50 mAp-p
efficiency
80
83
— 80
83
— 79
84
— 79
84
—
%
startup Delay
—
15
25 —
15
25 —
6
10 —
6
10
ms
HR700
SERIES
70WATT
Dc/Dc conVerters
Page3of7
HR700RevC-20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com