Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR700 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # HR700
Description  ??0째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR700 Datasheet(HTML) 7 Page - Interpoint Corporation Company

  HR700 Datasheet HTML 1Page - Interpoint Corporation Company HR700 Datasheet HTML 2Page - Interpoint Corporation Company HR700 Datasheet HTML 3Page - Interpoint Corporation Company HR700 Datasheet HTML 4Page - Interpoint Corporation Company HR700 Datasheet HTML 5Page - Interpoint Corporation Company HR700 Datasheet HTML 6Page - Interpoint Corporation Company HR700 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HR INDUSTRIAL (STANDARD, NON-QML) PRODUCTS
ENVIRONMENTAL SCREENING
test perFOrmed
hr industrial
standard
nOn-Qml1
Pre-cap Inspection
Method 2017, 2032
yes
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
yes
Hermeticity Test
Gross Leak, Dip (1 x 10-3)
yes
Final visual inspection
Method 2009
yes
TestmethodsarereferencedtomIL-STD-883asdeterminedbymIL-PRF-38534.
Notes:
1.Standard,non-QmLproducts,donotmeetalloftherequirementsofmIL-PRF-38534.
HR700
SERIES
70WATT
Dc/Dc conVerters
Page7of7
HR700SeriesDC/DCConverter,HR700RevC-20100212.Thisrevisionsupersedesallpreviousreleases.Alltechnicalinformationisbelievedtobe
accurate,butnoresponsibilityisassumedforerrorsoromissions.Interpointreservestherighttomakechangesinproductsorspecificationswithout
notice.HR700SeriesisatrademarkofInterpoint.Copyright©1999-2010InterpointCorporation.Allrightsreserved.www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com