Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913ESY331 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHFL4913ESY331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHFL4913ESY331 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 13Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 14Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Notes about Flat-16 package
Doc ID 10004 Rev 11
11/19
7
Notes about Flat-16 package
The bottom of package is metallized to allow user to directly solder the voltage regulator to
PCB, no heat sink needed, in order to optimize heat removal performance.
7.1
Radiation performances
The RHFL4913F has been tested against: 300krad TID ELDERS in accordance with Mil-
1019.6, bipolar section: post radiation parameters are within datasheet pre-rad limits.
Submitted to 200MeV Iodine ions of 60.4MeV/cm2/mg LET up to 1exp(+7) ions / cm2, no
SEL event has been detected.
7.2
Die information
RHFL4913 fixed is also available in die form. Space dice are electrically tested by
STMicroelectronics in such a way that, when mounted in proper thermal and electrical
substrate, they provide full compliance with equivalent packaged product.
- Max die dimensions: 2.794 mm by 3.861 mm or 110 mils by 152 mils
- Die thickness: 357 µm +/- 50 µm
- Pad size: 184 µm by 184 µm
- Metallization: Aluminum 4% silicon alloy
- Die backside: Bare silicon
- Die backside potential: Ground
(*) Die SENSE pad is active in RHFL4913 fixed die. It shall not be left unbonded. It should be bonded to VO pin.
(**) Die adjust pad is available in the die lay-out but is not electrically connected to the IC. It shall be left
unconnected during hybrid bonding.
Figure 5.
Die size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com