Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913ESY331 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFL4913ESY331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Datasheet(HTML) 1 Page - STMicroelectronics

  RHFL4913ESY331 Datasheet HTML 1Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 2Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
October 2010
Doc ID 10004 Rev 11
1/19
19
RHFL4913XX25
RHFL4913XX33 - RHFL4913XX50
Rad-hard positive fixed voltage regulator
Features
■ 2 and 3 A low dropout voltage
■ Embedded overtemperature, overcurrent
protections
■ Adjustable current limitation
■ Output overload monitoring/signalling
■ Fixed 2.5 V, 3.3 V, 5.0 V output voltages
■ Inhibit (ON/OFF) TTL-compatible control
■ Programmable output short-circuit current
■ Remote sensing operation
■ Rad-hard: tested up to 300 krad Mil Std 883E
Method 1019.6 and low dose rate conditions
■ Heavy Ions SEL immune
Description
The RHFL4913 fixed is a high performance Rad-
hard positive voltage regulator family. Available
into various hermetic ceramic packages, it is
specifically intended for space and harsh radiation
environments. Input supply range is up to 12 V.
RHFL4913 fixed is QML-V qualified, DSCC SMD
are 5962F02534 / 02535 / 02536.
SMD.5
TO-257
Flat-16
Figure 1.
Block diagram for package SMD.5 and TO-257
www.st.com


Similar Part No. - RHFL4913ESY331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913ESY331 STMICROELECTRONICS-RHFL4913ESY331 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL4913ESY331 STMICROELECTRONICS-RHFL4913ESY331 Datasheet
1Mb / 20P
Rad-hard positive fixed voltage regulator
10-Feb-2021
More results

Similar Description - RHFL4913ESY331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
05-May-2004
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
1.5 V rad-hard positive fixed voltage regulator
17-Dec-2015
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
Rad-hard positive fixed voltage regulator
10-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com