Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913ESY331 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFL4913ESY331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Datasheet(HTML) 5 Page - STMicroelectronics

  RHFL4913ESY331 Datasheet HTML 1Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 2Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Maximum ratings
Doc ID 10004 Rev 11
5/19
3
Maximum ratings
Table 2.
Absolute maximum ratings (1)
1.
Exceeding maximum ratings may damage the device.
Symbol
Parameter
Value
Unit
VI
DC input voltage, VI - VGROUND
14
V
IO
Output current
RHFL4913S, ESY
3
A
RHFL4913KP
2
PD
TC = 25°C power dissipation
KP, S Versions
15
W
ESY Version
10
TSTG
Storage temperature range
-65 to +150
°C
TOP
Operating junction temperature range
-55 to +150
°C
TJ
Junction temperature (2)
2.
Internally limited to about maximum +175 °C by thermal shutdown circuit.
+150
°C
ESD
Electrostatic discharge capability
Class 3
Table 3.
Thermal data
Symbol
Parameter
Flat-16
TO-257
SMD.5
Unit
RthJC
Thermal resistance junction-case max.
8.3
12.5
8.3
°C/W
TSOLD
Maximum soldering temperature, 10 sec.
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com