Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913ESY331 Datasheet(PDF) 17 Page - STMicroelectronics

Part # RHFL4913ESY331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RHFL4913ESY331 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 13Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 14Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 15Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 16Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 17Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 18Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Ordering information
Doc ID 10004 Rev 11
17/19
Note:
3 V version is available on request.
Table 6.
Part number - SMD equivalent
ST part number
SMD part number
RHFL4913KP25-01V
5962F0253401VXC
RHFL4913KP25-02V
5962F0253401VXA
RHFL4913KP33-01V
5962F0253501VXC
RHFL4913KP33-02V
5962F0253501VXA
RHFL4913KP50-01V
5962F0253601VXC
RHFL4913KP50-02V
5962F0253601VXA
RHFL4913S25-03V
5962F0253402VYC
RHFL4913S25-04V
5962F0253402VYA
RHFL4913S33-03V
5962F0253502VYC
RHFL4913S33-04V
5962F0253502VYA
RHFL4913S50-03V
5962F0253602VYC
RHFL4913S50-04V
5962F0253602VYA
RHFL4913ESY2505V
5962F0253402VZC
RHFL4913ESY2506V
5962F0253402VZA
RHFL4913ESY3305V
5962F0253502VZC
RHFL4913ESY3306V
5962F0253502VZA
RHFL4913ESY5005V
5962F0253602VZC
RHFL4913ESY5006V
5962F0253602VZA
L491325DIE2V
5962F0253402V9A
L491333DIE2V
5962F0253502V9A
L491350DIE2V
5962F0253602V9A
Table 7.
Environmental characteristics
Parameter
Conditions
Value
Unit
Output voltage thermal drift
-55°C to +125°C
40
ppm/°C
Output voltage radiation drift
From 0 krad to 300 krad at 0.55 rad/s
8
ppm/krad
Output voltage radiation drift
From 0 krad to 300 krad, Mil Std 883E Method
1019.6
6
ppm/krad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com