Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCL1100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCL1100
Description  High frequency silicon oscillator family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1100 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCL1100_10 Datasheet HTML 3Page - STMicroelectronics STCL1100_10 Datasheet HTML 4Page - STMicroelectronics STCL1100_10 Datasheet HTML 5Page - STMicroelectronics STCL1100_10 Datasheet HTML 6Page - STMicroelectronics STCL1100_10 Datasheet HTML 7Page - STMicroelectronics STCL1100_10 Datasheet HTML 8Page - STMicroelectronics STCL1100_10 Datasheet HTML 9Page - STMicroelectronics STCL1100_10 Datasheet HTML 10Page - STMicroelectronics STCL1100_10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STCL1100 STCL1120 STCL1160
Typical application circuit
Doc ID 13337 Rev 5
7/18
3
Typical application circuit
Figure 2.
Microprocessor (MCU, microcontroller unit) clock example
- replacement of a crystal or ceramic resonator
1.
For reliable operation and to further improve immunity to harsh environment, the minimum 0.1 µF decoupling capacitor is
recommended to be placed as close as possible to the VCC and GND pins of the oscillator device. The whole oscillator
block should then be placed near the microprocessor clock input.
2.
To minimize standby current, no internal pull-up resistor to VCC is implemented on the CE input, thus the input level must
be permanently defined by the controlling signal. If the chip enable feature is not used, in active mode connect the CE pin
to VCC. In applications utilizing standby mode and where the CE pin is connected to the controlling I/O port of the clocked
microprocessor, for successful startup of the microprocessor at power-on, initial logic high level needs to be secured on the
CE pin to provide clock already during the power-on reset until the microprocessor program starts and the controlling I/O
port takes over the CE control.
AI12657d
STCL1xx0
1
5
3
4
2
CE (2)
VCC
NC
FOUT
GND
MCU
I/O
Xtal1
(OSC1,
OSCin)
Xtal2
(OSC2,
OSCout)
NC
VCC
5 V
GND
0.1 µF(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com