Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCL1100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCL1100
Description  High frequency silicon oscillator family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1100 Datasheet(HTML) 1 Page - STMicroelectronics

  STCL1100_10 Datasheet HTML 1Page - STMicroelectronics STCL1100_10 Datasheet HTML 2Page - STMicroelectronics STCL1100_10 Datasheet HTML 3Page - STMicroelectronics STCL1100_10 Datasheet HTML 4Page - STMicroelectronics STCL1100_10 Datasheet HTML 5Page - STMicroelectronics STCL1100_10 Datasheet HTML 6Page - STMicroelectronics STCL1100_10 Datasheet HTML 7Page - STMicroelectronics STCL1100_10 Datasheet HTML 8Page - STMicroelectronics STCL1100_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Not recommended for new design
This is information on a product still in production but not recommended for new designs.
June 2010
Doc ID 13337 Rev 5
1/18
1
STCL1100 STCL1120 STCL1160
High frequency silicon oscillator family
Features
■ Fixed frequency 10/12/16 MHz
■ ±1.5% frequency accuracy over all conditions
■ 5 V ±10% operation
■ Low operating current, ultra low standby
current
■ Push-pull, CMOS compatible frequency
(square wave) output
■ Chip enable input, active high
■ Fast and stable startup
■ No external components required
■ Temperature range: –20 to +85 °C,
0 to +105 °C
■ Package: SOT23-5L
■ RoHS compliant.
Applications
■ Motor control
■ Home appliances
■ Building control
■ Advanced battery chargers
■ Low speed USB applications
■ Display drivers
■ Generally where ceramic resonators are
currently being used.
SOT23-5L
www.st.com


Similar Part No. - STCL1100_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCL1100 STMICROELECTRONICS-STCL1100 Datasheet
141Kb / 17P
High frequency silicon oscillator family
19-Feb-2008
More results

Similar Description - STCL1100_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
Low Frequency Amplifier & High Frequency Oscillator
logo
Hitachi Semiconductor
2SC5628 HITACHI-2SC5628 Datasheet
69Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5702 HITACHI-2SC5702 Datasheet
109Kb / 16P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Hitachi Semiconductor
2SC5629 HITACHI-2SC5629 Datasheet
73Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
STMicroelectronics
STCL1100 STMICROELECTRONICS-STCL1100 Datasheet
141Kb / 17P
High frequency silicon oscillator family
19-Feb-2008
logo
Renesas Technology Corp
2SC5628 RENESAS-2SC5628 Datasheet
217Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Connor-Winfield Corpora...
P234-155.52 CONNOR-WINFIELD-P234-155.52 Datasheet
153Kb / 2P
High Frequency Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com