Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCL1100 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCL1100
Description  High frequency silicon oscillator family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1100 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCL1100_10 Datasheet HTML 6Page - STMicroelectronics STCL1100_10 Datasheet HTML 7Page - STMicroelectronics STCL1100_10 Datasheet HTML 8Page - STMicroelectronics STCL1100_10 Datasheet HTML 9Page - STMicroelectronics STCL1100_10 Datasheet HTML 10Page - STMicroelectronics STCL1100_10 Datasheet HTML 11Page - STMicroelectronics STCL1100_10 Datasheet HTML 12Page - STMicroelectronics STCL1100_10 Datasheet HTML 13Page - STMicroelectronics STCL1100_10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DC and AC parameters
STCL1100 STCL1120 STCL1160
10/18
Doc ID 13337 Rev 5
6
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following Table 3: DC and AC
parameters are derived from tests performed under the DC and AC measurement
conditions listed in the Table 2. Designers should check that the operating conditions in their
projects match the measurement conditions when using the quoted parameters.
Table 2.
DC and AC measurement conditions(1)
1.
Unless other specified.
Parameter
VCC supply voltage
4.5 to 5.5 V
Ambient operating temperature
–20 to +85 °C
Load capacitance (CL)
12 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com