Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCL1100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCL1100
Description  High frequency silicon oscillator family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCL1100_10 Datasheet HTML 8Page - STMicroelectronics STCL1100_10 Datasheet HTML 9Page - STMicroelectronics STCL1100_10 Datasheet HTML 10Page - STMicroelectronics STCL1100_10 Datasheet HTML 11Page - STMicroelectronics STCL1100_10 Datasheet HTML 12Page - STMicroelectronics STCL1100_10 Datasheet HTML 13Page - STMicroelectronics STCL1100_10 Datasheet HTML 14Page - STMicroelectronics STCL1100_10 Datasheet HTML 15Page - STMicroelectronics STCL1100_10 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Typical operating characteristics and scope plots
STCL1100 STCL1120 STCL1160
12/18
Doc ID 13337 Rev 5
7
Typical operating characteristics and scope plots
Figure 3.
Frequency vs. temperature, STCL1120
Figure 4.
Duty cycle vs. temperature, STCL1120
11.850
11.900
11.950
12 .000
12 .050
12 .100
–40
–20
0
25
70
85
125
4 V
4.5 V
5 V
5.5 V
6 V
AI14581
Mean
frequency
(MHz)
Temperature (˚C)
41.5
42.0
42.5
43.0
43.5
44.0
44.5
45.0
45.5
–40
0
25
70
85
125
5.5 V
AI14582
Duty
cycle (%)
Temperature (˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com