Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2545CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2545CT
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2545CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2545CT Datasheet HTML 1Page - STMicroelectronics STPS2545CT Datasheet HTML 2Page - STMicroelectronics STPS2545CT Datasheet HTML 3Page - STMicroelectronics STPS2545CT Datasheet HTML 4Page - STMicroelectronics STPS2545CT Datasheet HTML 5Page - STMicroelectronics STPS2545CT Datasheet HTML 6Page - STMicroelectronics STPS2545CT Datasheet HTML 7Page - STMicroelectronics STPS2545CT Datasheet HTML 8Page - STMicroelectronics STPS2545CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
June 2010
Doc ID 8736 Rev 3
1/10
10
STPS2545C
Power Schottky rectifier
Features
Very small conduction losses
Negligible switching losses
Extremely fast switching
Low thermal resistance
Avalanche capability specified
ECOPACK®2 compliant component
(STPS2545CT)
Description
Dual center tab Schottky rectifier suited for switch
mode power supplies and high frequency DC to
DC converters.
This device is especially intended for use in low
volage, high frequency inverters, free-wheeling
and polarity protection applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 12.5 A
VRRM
45 V
Tj (max)
175 °C
VF(max)
0.57 V
A1
A2
K
A1
A2
K
A1
A2
K
A1
A2
K
TO-220FPAB
STPS2545CFP
D2PAK
STPS2545CG
TO-220AB
STPS2545CT
www.st.com


Similar Part No. - STPS2545CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2545CT STMICROELECTRONICS-STPS2545CT Datasheet
102Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2545CT STMICROELECTRONICS-STPS2545CT Datasheet
464Kb / 11P
Power Schottky rectifier
12-May-2017
STPS2545CT-Y STMICROELECTRONICS-STPS2545CT-Y Datasheet
159Kb / 7P
Automotive power Schottky rectifier
28-Jun-2012
More results

Similar Description - STPS2545CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com