Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-WDCEVALWD2D Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-WDCEVALWD2D
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WDCEVALWD2D Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-WDCEVALWD2D Datasheet HTML 3Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 4Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 5Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 6Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 7Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 8Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 9Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 10Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 7/12
5.5V
6.0V
6.5V
7.0V
7.5V
VH
125kHz
100kHz
75kHz
25kHz
0
typ.
50kHz
Figure 5: Oscillator Frequency
The following three operating states of the regulator
are described as a function of the supply voltage and
the load current:
Ioff
0
t
T = 1/f
VH
0
VB
r
t f
osz
Figure 6: Intermittent flow
SWITCHING REGULATOR: Intermittent flow
When charging and discharging operation are con-
cluded within a single clock pulse period (tr + tf < T )
and the coil current drops to zero, intermittent flow pre-
vails (Fig. 6). This is the case when the supply voltage
is sufficiently high or the load current sufficiently low.
The current-carrying capacity and power consumption
of the regulator can be easily specified for this operat-
ing mode. Since both the charging and the discharging
current flow in VH, the initial approximation of the mean
current-carrying capacity of VH is:
IL(VH) =
1
2
Ioff
tr + tf
T
(2)
T = 1/fosz : Period of internal oscillator (Fig. 5)
For load current IL at output VH, the iC-WD ad-
justs the cut-off current Ioff to the following value
(VB > VH + Vsat):
Ioff =
2 · IL(VH)
T
LVH
1
1
VB−Vsat −VH
+
1
VH+VD
(3)
Since only during the charging phase current is drawn
from supply voltage VB, the mean current consumption
is: (VB > VH + Vsat):
I(VB) = Ioff
tr
T
+ I0(VB)
(4)
I0(VB): current consumption without load at VCC,
VCCA (no-load operation)
SWITCHING REGULATOR: Continuous flow
If the inductor receives recharge with the next clock
signal before the coil current has run free, no gap is
created in the current. Such continuous flow (Fig. 7)
occurs when the supply voltage is too low or the load
current too high. Since the charging process begins at
various current levels not equal to zero, the timing and
the required cut-off current are difficult to express. In
general, fluctuations occur in the clock frequency at the
time constants of the charging and discharging phase,
which in turn depend on the of supply voltage and the
load current. Since no current gap occurs, the cut-off
current may be lower than during intermittent flow (at
the same load). The losses in the switching transis-
tor, in the free-wheeling diode and due to the internal
resistance of the inductor are consequently lower; the
efficiency of the regulator is thus higher. In addition, in-
terference due to the internal resistance of supply volt-
age source and standby capacitor CVH is lower. De-
pending on the model and quality of the coil, however,
the low frequent fluctuations may be audible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com