Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-WDCEVALWD2D Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-WDCEVALWD2D
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WDCEVALWD2D Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-WDCEVALWD2D Datasheet HTML 4Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 5Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 6Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 7Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 8Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 9Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 10Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 11Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 8/12
Ioff
0
t
r
VB
VH
0
T = 1/f osz
Figure 7: Continous flow
SWITCHING REGULATOR: Operation at low supply
voltage
A third operating state occurs when the supply volt-
age VB is scarcely higher than VH. The cut-off cur-
rent can no longer be reached in this case since:
(VB − VH − Vsat )/RLVH < Ioff . The switching transis-
tor is switched on continuously and VH reaches: VH =
VB − Vsat − I(VH) × RLVH . Factoring in this special
feature makes it possible to operate the iC-WD even
at low supply voltage. Operability is still guaranteed
at VB ≈ 7.6 V.
Nonetheless, the maximum current-
carrying capacity depends on the coil’s internal re-
sistance and supply voltage VB. The transition from
regulator mode to continuously activated transistor is
fluid. To avoid feedback of interference voltage from
VH to VCC or VCCA the size of standby capacitor
CVH should be increased for this type of operation (e.g.
22 µF).
SERIES REGULATORS VCC and VCCA
To obtain the lowest possible interference voltage even
with the small smoothing capacitor CVH, two inde-
pendent series regulators with a NPN emitter follower
stage are connected downstream of intermediate volt-
age VH. The Output voltages VCC or VCCA are con-
stant ±5%. The suppression of interference voltage for
the output voltages is best when VH is also no lower
than 6.0 V dynamically (iC-WDA: 4.3 V).
The series regulators are compensated internally,
hence they are stable during no-load operation, with-
out external capacitance. Stability over the entire load
range is ensured by the minimum capacitance values
for CVCC and CVCCA given in the electrical character-
istics. Current-limited outputs are used as protection
against destruction in the event of a short circuit.
FAULT EVALUATION
The two output voltages VCC and VCCA are moni-
tored. When the voltage drops below the undervoltage
threshold (due to overload, etc.), a message is sent
to the current-limited open-collector output NER (ac-
tive low). The chip temperature is also monitored. In
the event of overtemperature the switching regulator is
turned off and it is not enabled against until the chip
temperature has decreased. This thermal shutdown
of the regulator is indicated by NER = low. Since the
fault output NER is current-limited, an LED can be con-
nected directly for the optical message display, how-
ever the additional power dissipation which occurs
Pv = I(NER) × (VB − Vfw (LED))
(5)
must be taken into account. A resistor RLED in se-
ries with the LED can reduce the additional chip power
dissipation in the event of a fault.
CMOS- or TTL-
compatible logic inputs can be activated with a pull-up
resistor at NER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com