Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-WDCEVALWD2D Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-WDCEVALWD2D
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WDCEVALWD2D Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-WDCEVALWD2D Datasheet HTML 1Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 2Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 3Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 4Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 5Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 6Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 7Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 8Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 3/12
ABSOLUTE MAXIMUM RATINGS
Values beyond which damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VB
Supply Voltage
-0.3
38
V
G002 V(VBR)
Voltage at VBR
-0.3
38
V
G003 I(VHL)
Current in VHL
Peak duration ≤ 50 µs
-800
800
mA
G004 V(VH)
Voltage at VH
-0.3
8
V
G005 I(VCC)
Current in VCC
-500
4
mA
G006 I(VCCA)
Current in VCCA
-100
4
mA
G007 V(NER)
Voltage at NER
-0.3
38
V
G008 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
WDB, WDC
1.5
kV
G009 Tj
Junction Temperature
-40
150
°C
G010 Ts
Storage Temperature
-40
150
°C
THERMAL DATA
Operating Conditions: VB = 8...36 V, LVH = 220 µH, Ri(LVH) < 2 Ω, CVH = 4.7 µF, RVB = 1 Ω
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended temperature range on re-
quest)
-25
70
°C
T02
Rthja
Thermal Resistance Chip to Ambient
SMD mounting on PCB, without additional
cooling
170
K/W
T03
Rthja
Thermal Resistance Chip to Ambient
SMD mounting on PCB, with approx. 3 cm²
cooling surface (see Evaluation Board)
100
K/W
T04
Rthja
Thermal Resistance Chip to Ambient
SMD mounting on PCB, therm. pad soldered
to approx. 2 cm² cooling area
30
60
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com