Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-WDCEVALWD2D Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-WDCEVALWD2D
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WDCEVALWD2D Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-WDCEVALWD2D Datasheet HTML 1Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 2Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 3Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 4Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 5Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 6Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 7Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 8Page - IC-Haus GmbH IC-WDCEVALWD2D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 1/12
FEATURES
o Input voltage 8 to 36 Vdc
o Highly efficient down converter
o Switching transistor and free-wheeling diode integrated
o Adjustment of the regulator cut-off current with external
resistor
o Integrated 100 kHz oscillator without external components
o Switching frequency above the audible range
o Two downstream linear regulators with 200 mA/25 mA output
current
o Three different output voltage combinations of 3.3 V version
available (see Block Diagram)
o Small residual ripple with low capacitances in the µF range
o Fault message at overtemperature and undervoltage at
current-limited open-collector output
o Shutdown of switching regulator at overtemperature
o Internal reference voltages
o ESD protection
o Low space requirement with SO8 resp. tiny DFN10 package
o Option: enhanced temperature range of -40 to 85 °C
APPLICATIONS
o 5 V resp. 3.3 V supply e.g. from
24 V industrial network
PACKAGES
SO8
(optional with
thermal pad)
DFN10
BLOCK DIAGRAM
VB (8...36 V)
ERROR
(200 mA)
RVB
1
Ω
220
µH
LVH
CVH
4.7
µF
1
µF
CVCCA
4.7
µF
ERROR DETECTION
iC−WD
VREF
VH SWITCHING CONVERTER
OSCILLATOR
TEMPERATURE
UNDERVOLTAGE
REFERENCE
VCC REGULATOR
VCCA REGULATOR
4.7
µF
WDC
WDB
WDA
WD
CVCC
VCC
+5 V
+3.3 V
+3.3 V
+5 V
VCCA
+5 V
+3.3 V
+5 V
+3.3 V
NER
1
GND
4
VCCA
7
VCC
6
VH
5
VB
8
VBR
2
VHL
3
(25 mA)
Pin numbers for SO8 package
Copyright © 2007 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-WDCEVALWD2D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
3-CHANNEL 75 廓 LINE DRIVER
IC-WESO16W ICHAUS-IC-WESO16W Datasheet
380Kb / 10P
3-CHANNEL 75 廓 LINE DRIVER
IC-WESO20 ICHAUS-IC-WESO20 Datasheet
380Kb / 10P
3-CHANNEL 75 廓 LINE DRIVER
IC-WETSSOP20 ICHAUS-IC-WETSSOP20 Datasheet
380Kb / 10P
3-CHANNEL 75 廓 LINE DRIVER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results

Similar Description - IC-WDCEVALWD2D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
Dual Output Regulated Switched Capacitor Voltage Converter
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
228Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
TPS55065-Q1 Buck and Boost Switched-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com