Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP331AWRG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP331AWRG-7
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP331AWRG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP331AWRG-7 Datasheet HTML 2Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 3Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 4Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 5Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 6Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 7Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 8Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 9Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP331A
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
6 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Circuit
(Continued) (VCC = 5.0VDC)
Crystal Controlled Oscillator
+
-
VO
200K
0.1µF
2.0K
V
+
V
+
100K
200K
0
CRYSTAL
f=100KHz
AP331A
+
-
+
-
+
-
+VC
FREQUENCY
CONTROL
VOLTAGE
INPUT
0.1µF
10
20K
20K
50K
V
+/2
OUTPUT2
OUTPUT1
500pF
V
+
0.01µF
3.0K
5.1K
100K
3.0K
V
+
Two-Decade High Frequency VCO
V
+/2
AP331A
AP331A
AP331A
100K
Non-Inverting Comparator with
Hysteresis
VO
3K
V
+
+VIN
+VREF
+
-
10M
10K
AP331A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com