Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP331AWRG-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP331AWRG-7
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP331AWRG-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP331AWRG-7 Datasheet HTML 5Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 6Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 7Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 8Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 9Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 10Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 11Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 12Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP331A
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
10 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Split-Supply Applications
(V
+ = +15V
DC and V
- = -15 V
DC)
+
-
+
-
+
-
2.4K
2.4K
φ A
φ B
2K
8.2K
3.9K
2K
V
+
10K
51K
51K
5.1K
50pF
V
-
6.8K
MOS Clock Driver
AP331A
AP331A
AP331A
AP331A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com