Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP331AWRG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP331AWRG-7
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP331AWRG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP331AWRG-7 Datasheet HTML 1Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 2Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 3Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 4Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 5Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 6Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 7Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 8Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP331A
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
4 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
( VCC = 5V ) ( Note 6 )
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VOFFSET
Input Offset Voltage
(Note 11)
-
-
9
mV
IOFFSET
Input Offset Current
IIN(+) -IIN(-), VCM = 0V
-
-
200
nA
IBIAS
Input Bias Current
IIN(+) or IIN(-) with Output In
Linear Range, VCM = 0V
(Note 7)
-
-
500
nA
Input Common Mode Voltage
Range
V
+ =30V (Note 8)
0
-
V
+ -2.0
V
VSAT
Saturation Voltage
VIN(-) = 1V, VIN(+) = 0, ISINK <
4mA
-
-
700
mV
IO(Leak)
Output Leakage Current
VIN(-) = 0, VIN(+) = 1V,
VO = 30V
-
-
1.0
μA
Differential Input Voltage
Keep All VIN’s > 0V (or V
-, if
Used), (Note 10)
-
-
36
V
θ
JA
Thermal Resistance
Junction-to-Ambient
SOT25 (Note 12)
173
oC/W
SOT25R (Note 12)
θ
JC
Thermal Resistance
Junction-to-Case
SOT25 (Note 12)
37
oC/W
SOT25R (Note 12)
Notes:
3. The maximum power dissipation is a function of TJ(MAX) , θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (T J(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
4. Short circuits from the output to V
+ can cause excessive heating and eventual destruction. When considering short circuits to
ground, the maximum output current is approximately 20mA independent of the magnitude of V
+.
5. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output
voltages of the comparators to go to the V
+ voltage level (or to ground for a large overdrive) for the time duration that an input
is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which is negative,
again returns to a value greater than -0.3V.
6. The AP331A temperature specifications are limited to 0°C < TOP < +70°C.
7. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent
of the state of the output so no loading change exists on the reference or input lines.
8. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is V
+-1.5V at 25°C, but either or both inputs can go to 36V without damage,
independent of the magnitude of V
+.
9. The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals 300ns can be
obtained, see typical performance characteristics section.
10. Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the
common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than
-0.3V (or 0.3V below the magnitude of the negative power supply, if used).
11. At output switch point, VO ~ 1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+-1.5V),
at 25°C.
12. Test condition for SOT25 and sot25R: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com