Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP331AWRG-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP331AWRG-7
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP331AWRG-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP331AWRG-7 Datasheet HTML 3Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 4Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 5Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 6Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 7Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 8Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 9Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 10Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP331A
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
7 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Circuit
(Continued) (VCC = 5.0VDC)
AND Gate
f
3K
V
+
A
+
-
1K
B
C
1K
100K
100K
100K
39K
+0.375V
0
"0" "1"
AP331A
V
+
Or Gate
3K
V
+
A
+
-
1K
B
C
1K
100K
100K
100K
200K
+0.075V
V
+
0
"0" "1"
f
AP331A
Large Fan-in AND Gate
R4
3K
V
+
A
+
-
D1
B
C
100K
10K
V
+
0
"0" "1"
D
D2
D3
D4
ALL DIODES 1N914
100K
VOUT
AP331A
Limit Comparator
+
-
+
-
2RS
2RS
RS
10K
V
+ (12V
DC)
LAMP
12 ESB
+VIN
+VREF LOW
+VREF HI
2N2222
AP331A
AP331A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com