Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP393 Datasheet HTML 1Page - Diodes Incorporated AP393 Datasheet HTML 2Page - Diodes Incorporated AP393 Datasheet HTML 3Page - Diodes Incorporated AP393 Datasheet HTML 4Page - Diodes Incorporated AP393 Datasheet HTML 5Page - Diodes Incorporated AP393 Datasheet HTML 6Page - Diodes Incorporated AP393 Datasheet HTML 7Page - Diodes Incorporated AP393 Datasheet HTML 8Page - Diodes Incorporated AP393 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393
Document number: DS31006 Rev. 8 - 2
1 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Description
The AP393 consists of two independent precision voltage
comparators with an offset voltage specification as low as
2.0mV max for two comparators which were designed
specifically to operate from a single power supply over a wide
range of voltages. Operation from split power supplies is also
possible
and the low power supply current drain is
independent of the magnitude of the power supply voltage.
These comparators also have a unique characteristic in that
the input common-mode voltage range includes ground, even
though operated from a single power supply voltage.
Application areas include limit comparators, simple analog to
digital
converters;
pulse,
squarewave
and
time
delay
generators;
wide
range
VCO;
MOS
clock
timers;
multivibrators and high voltage digital logic gates. The AP393
is designed to directly interface with TTL and CMOS. When
operated from both plus and minus power supplies, the
AP393 will directly interface with MOS logic where their low
power
drain
is
a
distinct
advantage
over
standard
comparators.
Features
•
Wide supply
•
Voltage range: 2.0V to 36V
•
Single or dual supplies: ±1.0V to ±18V
•
Very low supply current drain (0.4mA) – independent of
supply voltage
•
Low input biasing current: 25nA
•
Low input offset current: ±5nA
•
Maximum offset voltage: ±3mV
•
Input common-mode voltage range includes ground
•
Differential input voltage range equal to the power supply
voltage
•
Low output saturation voltage: 250mV at 4mA
•
Output voltage compatible with TTL, DTL, ECL, MOS and
CMOS logic systems
•
Lead Free packages: SOP-8L and PDIP-8L
•
SOP-8L and PDIP-8L: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
Pin Assignments
SOP-8L
1
2
3
45
6
7
8
( Top View )
INVERTING INPUT 1
GND
AP393
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V
+
INVERTING INPUT 2
NON-INVERTING INPUT 2
PDIP-8L
1
2
3
45
6
7
8
( Top View )
INVERTING INPUT 1
GND
AP393
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V
+
INVERTING INPUT 2
NON-INVERTING INPUT 2
Application
•
High precision comparators
•
Reduced VOS drift over temperature
•
Eliminates need for dual supplies
•
Allows sensing near ground
•
Compatible with all forms of logic
•
Power drain suitable for battery operation
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP393

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP393 ANACHIP-AP393 Datasheet
260Kb / 13P
Low Power Low Offset Voltage Dual Comparators
Rev. 1.0 Sep 7, 2004
logo
Diodes Incorporated
AP393 DIODES-AP393 Datasheet
288Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393 Rev. 3
AP39303 DIODES-AP39303 Datasheet
1Mb / 16P
QUASI-RESONANT PWM SWITCHER
July 2022
AP39303S16-13 DIODES-AP39303S16-13 Datasheet
1Mb / 16P
QUASI-RESONANT PWM SWITCHER
July 2022
AP393A DIODES-AP393A Datasheet
302Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393A Rev. 7
More results

Similar Description - AP393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
LM193JAN NSC-LM193JAN Datasheet
685Kb / 14P
Low Power Low Offset Voltage Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Diodes Incorporated
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com