Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7583 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA7583
Description  IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7583 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA7583 Datasheet HTML 7Page - Sanyo Semicon Device LA7583 Datasheet HTML 8Page - Sanyo Semicon Device LA7583 Datasheet HTML 9Page - Sanyo Semicon Device LA7583 Datasheet HTML 10Page - Sanyo Semicon Device LA7583 Datasheet HTML 11Page - Sanyo Semicon Device LA7583 Datasheet HTML 12Page - Sanyo Semicon Device LA7583 Datasheet HTML 13Page - Sanyo Semicon Device LA7583 Datasheet HTML 14Page - Sanyo Semicon Device LA7583 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Continued from preceding page.
Pin
No.
Symbol
Circuit Configuration
Description
24
SIF INPUT, J/U SW
Pin 24 is used both for SIF input and J/U
SW audio mute.
.
The input impedance is approximately
1.5 k
Ω.
.
J/U (Japan/U.S.) switch
The oscillating frequency for VCO2 in
Japan and the U.S. differs. However, the
center frequency of the SIF detector is
controlled using VCO2 as a reference. As
a result, the filter control mode can be
changed either by leaving this pin open or
dropping it to GND through a 3.9 k
Ω
resistor.
Open: Japan mode
3.9 k
Ω: U.S. mode
.
Audio mute:
Audio muting can be applied by dropping
the voltage on this pin to 0.5 V or less.
LA7583 VCO COIL design considerations
1. Design criteria
Allow for an adequate variable range for the IF frequency in the design. Specifically, select a coil value so that the carrier
frequency is roughly in the center of the characteristics diagram shown below when 2 V and 4 V are applied to pin 22.
2. Design notes
a. When selecting the L value, the LA7583 must be soldered directly on the board. If an IC socket is used, an error in the VCO
center frequency will arise from the capacitance of the socket.
b. The patterns for pins 13 and 14 must be made as short as possible (15 mm or less). Minimize the effect of the printed
pattern.
c. A VCO coil of which tolerance is ± 5% must be used.
3. Measuring the IF frequency range
Drop the IF AGC (pin 4) to GND. Next, pick up the VCO carrier leak at a pin other than the VCO coil (pins 13 and 14) and
read the carrier frequency. And then, apply a voltage ranging from 1.5 V to 4.5 V to pin 22, and record the characteristics of the
maximum variable frequency range for VCO as shown in the diagram below.
4. Recommended VCO coil
A. Tokyo Parts Industry Co., Ltd.
5LC
JAPAN
1.2 µH ± 5%
U.S.
1.8 µH ± 5%
US fO : 45.75 MHz
JAPAN fO : 58.75 MHz
Y22−V
Y22−V
LA7583
No.5177-13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com