Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7583 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LA7583
Description  IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7583 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LA7583 Datasheet HTML 7Page - Sanyo Semicon Device LA7583 Datasheet HTML 8Page - Sanyo Semicon Device LA7583 Datasheet HTML 9Page - Sanyo Semicon Device LA7583 Datasheet HTML 10Page - Sanyo Semicon Device LA7583 Datasheet HTML 11Page - Sanyo Semicon Device LA7583 Datasheet HTML 12Page - Sanyo Semicon Device LA7583 Datasheet HTML 13Page - Sanyo Semicon Device LA7583 Datasheet HTML 14Page - Sanyo Semicon Device LA7583 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Notes on Sanyo SAW Filters
There are two types of filters, depending on the piezoelectric substrate material.
(1) LiTaO3 (lithium tantalate) SAW filters: .......TSF1xxx
TSF2xxx
While the LiTaO3 SAW filters offer excellent stability with a low temperature coefficient of –18 ppm/ °C, the insertion
loss is high. However, by using a coil, etc., to obtain proper matching on the SAW filter output side (which does increase
the number of external components), it is possible to suppress the insertion loss while at the same time making the level
of the characteristics variable, which provides additional design freedom. (Refer to Fig. 13.) In addition, because the SAW
(surface wave) reflection is small, ripple within the band can be kept low.
(2) LiNbO3 (lithium niobate) SAW filter: ......TSF5xxx
While the LiNbO3 SAW filter has a high temperature coefficient of –72 ppm/ °C, it has a lower insertion loss by about 10
dB compared to the LiTaO3 SAW filters. Therefore, matching on the output side of the SAW filter is not necessary. (Refer
to the diagram below.) In addition, because the insertion loss is low (although the ripple within the band is somewhat
higher than in the case of the LiTaO3 SAW filter), the low impedance and small feedthrough diminish the effects of
peripheral circuit components and the pattern layout, and make it possible to stabilize the trap characteristics outside of
the band.
From the above, it is clear that the LiTaO3 SAW filter is suitable for Japan and U.S. bands where the IF frequency is
high, while the LiNbO3 SAW filter is suitable for PAL and U.S. bands where the IF frequency is low.
(a) Picture wide BAND SAW Filter
Japan
TSF1137U
U.S.
TSF1241U(with IS-31 Trap)
(b) INTER Carrier SAW Filter
Japan
TSF1138P
U.S.
TSF1220P
LiTaO3 SAW Filter
LiNbO3 SAW Filter
LA7583
No.5177-14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com