Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7583 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA7583
Description  IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7583 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA7583 Datasheet HTML 2Page - Sanyo Semicon Device LA7583 Datasheet HTML 3Page - Sanyo Semicon Device LA7583 Datasheet HTML 4Page - Sanyo Semicon Device LA7583 Datasheet HTML 5Page - Sanyo Semicon Device LA7583 Datasheet HTML 6Page - Sanyo Semicon Device LA7583 Datasheet HTML 7Page - Sanyo Semicon Device LA7583 Datasheet HTML 8Page - Sanyo Semicon Device LA7583 Datasheet HTML 9Page - Sanyo Semicon Device LA7583 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
[Multinetwork PLL]
The multinetwork PLL consists of the blocks shown below.
The multinetwork PLL has two VCO circuits. Each of these form a separate PLL. The operational relationship between these
circuits is as follows:
fVCO1 =fVCO2 × 8
Initially, in APC1, the phases of the IF signal and the VCO carrier are compared. The control signal derived is then used to
control VCO2. VCO1 is controlled by comparing the phases of VCO2 and VCO1 x 1/8. As a result, VCO1 always has the same
frequency as the IF signal, and the following relationship results:
fVCO1 =fVCO2 × 8
If the precision of the ceramic oscillator for fVCO2 is within the adjustment range for VCO in a typical PLL, the video detector
phase error is very small. As a result, the multinetwork PLL operates as an ideal PLL detector.
Automatic Quadrature Tuning (AQT)
A quadrature detector that is controlled automatically is used in the FM detector. The AQT in the LA7583 consists of the blocks
shown in the following diagram.
The FM detection filter (gyrator) is controlled at 4.5 MHz by the control current (Iref1) generated by reference circuit 1. At the
same time, precision control is performed by using the control current (Iref2) derived by detecting the offset from the detected
output so that the FM detector phase relationship is 90 °. As a result, automatic control makes an ideal quadrature detector
possible.
(Note) Gyrator: Circuit-formed equivalent inductance
The SIF circuit contains a 4.5 MHz tank circuit having the gyrator and an internal capacitor.
LA7583
No.5177-6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com