Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7583 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA7583
Description  IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7583 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA7583 Datasheet HTML 3Page - Sanyo Semicon Device LA7583 Datasheet HTML 4Page - Sanyo Semicon Device LA7583 Datasheet HTML 5Page - Sanyo Semicon Device LA7583 Datasheet HTML 6Page - Sanyo Semicon Device LA7583 Datasheet HTML 7Page - Sanyo Semicon Device LA7583 Datasheet HTML 8Page - Sanyo Semicon Device LA7583 Datasheet HTML 9Page - Sanyo Semicon Device LA7583 Datasheet HTML 10Page - Sanyo Semicon Device LA7583 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Pin Functions
Pin
No.
Symbol
Circuit Configuration
Description
1
FM DETECTOR
OUTPUT
Pin 1 is an audio FM output pin. A 100
Ω
resistor is connected in series with the
emitter follower.
(1)
Monaural applications
CR are used to form a de-emphasis
cicuit externally.
t = CR1
(2)
Audio multiplexing applications
Depending on the audio multiplexing
decoder application, the input
impedance is low, which may distort the
L-R signals, etc., and degrade the
stereo characteristics. In such an event,
add a resistor between pin 1 and GND.
R2
^ 5.1 k
Ω
2
FM AQT FILTER
GYLATOR
Pin 2 is the FM Automatic Quadrature
Tuning filter pin. This pin controls the
quadrature detector so that it remains at its
center frequency (4.5 MHz), and is the point
where the two control currents are added.
If the value of external capacitor C1 is small,
the low-range frequency characteristics
deteriorate. If the capacitance is too large,
the low-range characteristics improve, but
the response characteristics at SW-ON, etc.,
worsen.
The recommended value for C1 is 10 µF to
33 µF.
3
RF AGC OUTPUT
Pin 3 is the RF AGC output pin. It is an
emitter output, and a protective resistor of
200
Ω is connected between pin 3 and
emitter.
This pin determines the resistance bleeder
(R1, R2) values according to the maximum
gain of the tuner.
Continued on next page.
LA7583
No.5177-7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com